Part Number Hot Search : 
34063APS EL4331CS MAX414CP LF398AH 85150 MSM9803 DG507ACK VND5E
Product Description
Full Text Search
 

To Download 2643 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KR Electronics, Inc.
KR Electronics
General Description
www.krfilters.com
KR 2643 is a 49 MHz bandpass filters with a minimum 3 dB bandwidth of 10 MHz. Other passband frequencies are available. Also available in a surface mount package. Please consult the factory.
Features * 49 MHz Bandpass * 10 MHz Bandwidth * High Stopband Attenuation * 50 Source and Load * Surface Mount Package
Typical Performance
Passband Amplitude & Group Delay
(1 dB/div and 20 nsec/div)
Overall Response
(10 dB/div)
13 Jan 2006 09:54:18 CH1 CH2 PRm
PRm
S 21 S 21
log MAG delay
1 dB/ 20 ns/
REF 0 dB REF 80 ns
13 Jan 2006 09:51:02 CH1 S 21 log MAG 10 dB/ REF 0 dB
Cor
Cor
1
2 PRm Cor
CENTER 49.000 000 MHz
SPAN 10.000 000 MHz
CENTER 49.000 000 MHz
SPAN 80.000 000 MHz
KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2006, KR Electronics, Inc.
Web Email Phone Fax
www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 1
KR Electronics, Inc.
KR 2643 Bandpass
Specifications
Parameter Filter type Center Frequency Insertion Loss 3 dB Bandwidth Attenuation at 39 MHz Attenuation at 59 MHz Source & Load Specification Bandpass 49 MHz < 3 dB (< 1.5 dB Typical) > 10 MHz > 50 dB > 50 dB 50
www.krfilters.com
Physical Dimensions
Notes: 1. Surface mount package -- Metal cover (can also be supplied in an package with SMA Connectors) 2. Dimensions in inches 3. Use SN60 or SN63 solder during installation. Maximum reflow temperature is 209 C for 15 sec maximum. 4. If boards are cleaned after installation, units must be completely dried to remove any entrapped moisture.
KR Electronics, Inc. 91 Avenel Street Avenel, NJ 07001 (c) 2006, KR Electronics, Inc. Web Email Phone Fax www.krfilters.com sales@krfilters.com (732) 636-1900 (732) 636-1982 Page 2


▲Up To Search▲   

 
Price & Availability of 2643

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X